PART |
Description |
Maker |
LTC2051 LTC2051IMS8 LTC2051IS8 LTC2051CMS8 LTC2051 |
From old datasheet system Dual Zero-Drift Operational Amplifier Dual Zero-Driff Operational Amplifier
|
LINER[Linear Technology]
|
BA15532 BA15532F BA15532N BA15532/F/N |
Standard Linear LSIs > Operational amplifier > Operational amplifier Dual high slew rate, low noise operational amplifier Dual high slew rate/ low noise operational amplifier
|
ROHM[Rohm] Rohm CO.,LTD.
|
KBPC1501 KBPC1504 KBPC15005 KBPC1508 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125
|
DC Components Co., Ltd.
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
OP10 OP-10Y OP-10 OP-10AY OP-10CY OP-10EY OP10Y OP |
DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER Voltage-Feedback Operational Amplifier
|
AD[Analog Devices] Analog Devices, Inc.
|
EL2242J EL2242J_883B EL2224CJ EL2224J EL2224J_883B |
Dual 60MHz Unity Gain Stable, Operational Amplifier Voltage-FeedbackOperationalAmplifier
Dual 60Mhz Unity Gain Stable Operational Amplifier 400MHz Multiplexing Amplifier; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R
|
ELANTEC[Elantec Semiconductor]
|
LM324 LM324A MC3317 LM224 LM2904 MC33181 LF347 LF3 |
32mm Glass Transponder R/W ECO 0-RFIDT Precision Timer 8-PDIP -40 to 85 DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER Amplifiers and Comparators 放大器和比较 LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
OP270 OP-270 OP-270ARC_883 OP-270AZ OP-270EZ OP-27 |
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER DUAL OP-AMP, 150 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER DUAL OP-AMP, 175 uV OFFSET-MAX, 5 MHz BAND WIDTH, CQCC20 18V; 25mA; dual very low-noise precision operational amplifier
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
KBPC1016F_W KBPC1000F_W KBPC1000FW KBPC1001F_W KBP |
Silicon-Bridge Recitifers Rail-To-Rail uPower Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC 0 to 70 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 RES 365K 1% .063W
|
SEMIKRON[Semikron International]
|
HA4-5112883 HA-5104 |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers Dual/ Low Noise/ High Performance Uncompensated Operational Amplifier
|
Intersil Corporation
|
CA328002 CA3280E CA3280 CA3280A CA3280AE |
OTA, Operational Transconductance Amplifier, Dual, 9MHz, Improved Input Characteristics Dual, 9MHz, Operational Transconductance Amplifier (OTA)
|
INTERSIL[Intersil Corporation]
|
LT1002 LT1002A LT1002AC LT1002ACJ LT1002ACN LT1002 |
Dual / Matched Precision Operational Amplifier Dual, Matched Precision Operational Amplifier From old datasheet system
|
LINER[Linear Technology]
|